PART |
Description |
Maker |
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
HS9-82C54RH-Q |
Radiation Hardened CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDFP24
|
Intersil, Corp.
|
CMX661 LTC2901 LTC2900 LTC2900-1CDD LTC2900-1CMS L |
Programmable Quad Supply Monitor with Adjustable Reset Timer Programmable Quad Supply Monitor with Adjustable Reset Timer; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Programmable Quad Supply Monitor with Adjustable Reset Timer; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Programmable Quad Supply Monitor with Adjustable Reset Timer; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers PAIR GAIN DUAL SPM DETECTOR Programmable Quad Supply Monitor with Adjustable Reset Timer 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
LINER[Linear Technology] CMLMICRO Linear Technology Corporation Linear Technology, Corp.
|
HS-82C54RH HS1-82C54RH HS1-82C54RH-8 HS1-82C54RH-Q |
From old datasheet system Radiation Hardened CMOS Programmable Interval Timer Radiation Hardened CMOS RProgrammable Interval TimerS
|
INTERSIL[Intersil Corporation]
|
QD8254 |
3 TIMER(S), PROGRAMMABLE TIMER, CDIP24
|
INTEL CORP
|
CA82C54-10ED |
3 TIMER(S), PROGRAMMABLE TIMER, CDIP24
|
NEWBRIDGE MICROSYSTEMS
|
X25163 X25163S14 X25163S14-1.8 X25163S14-2.7 X2516 |
Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM 可编程看门狗定时 RACKMOUNT ENHANCED 8 PORTRJ45 TERMINAL SERVER Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
|
Omron Electronics LLC Industrial Automation XICOR[Xicor Inc.]
|
STR750FV0 STR750FV0T6 STR750FV1 STR750FV1T6 STR750 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
STR750FV0H6 STR755FR0H6 STR755FV0H6 STR751FR0 STR7 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
CD4541BC CD4541BC02 CD4541BCN CD4541BCM CD4541BCMX |
Programmable Timer
|
FAIRCHILD[Fairchild Semiconductor]
|
LTC2901-4CGNTR LTC2901-4CGNPBF LTC2901-4CGNTRPBF L |
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
|
Linear Technology
|
MC14541B MC14541BCP MC14541BD MC14541BDR2 MC14541B |
Programmable Oscillator-Timer
|
ON Semiconductor
|
|