PART |
Description |
Maker |
SN54-74LS90 SN54_74LS93 SN54_74LS90 SN74LS90N SN74 |
DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER From old datasheet system DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER 十年计数分频12项反4位二进制计数 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, CDIP14 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP14 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, PDSO14
|
ONSEMI[ON Semiconductor]
|
MC14022 MC14022B MC14022BCP MC14022BD MC14022BDR2 |
Octal Counter
|
ONSEMI[ON Semiconductor]
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
MC14020BCP MC14020BF MC14020BFEL MC14020 MC14020B |
14-Bit Binary Counter 14位二进制计数 14-Bit Binary Counter 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDSO16
|
ONSEMI[ON Semiconductor]
|
HCTS390MS HCTS390D HCTS390DMSR HCTS390HMSR HCTS390 |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Dual Decade Ripple Counter
|
INTERSIL[Intersil Corporation]
|
MK50395 MK50395CN MK50396 MK50396CN MK50397CN MK50 |
OSC 3.3V SMT 7X5 CMOS Six Decade Counter / Display Decoder 6-Decade Counter / Display Decoder (MK50396 / MK50397) 6 Decade Counter / Display Decoder METER DPM LCD 3.5DIGIT 20V BKLT
|
Micrel Semiconductor,Inc.
|
HEF4022BP |
4-stage divide-by-8 Johnson counter 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP RING COUNTER, PDIP16
|
NXP Semiconductors N.V.
|
74LS293 SN74LS293N SN54LS290 SN54LS290J SN54LS293J |
DECADE COUNTER; 4-BIT BINARY COUNTER
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC100EP016AFAR2 MC100EP016A MC100EP016AFA |
3.3 V ECL 8-Bit Synchronous Binary Up Counter 3.3伏ECL 8位二进制计数器同步最 3.3 V ECL 8-Bit Synchronous Binary Up Counter 100E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32
|
ONSEMI[ON Semiconductor]
|
CD4017BMS CD4022BMS FN3297 CD4017BDMSR |
From old datasheet system CMOS Counter/Dividers 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 10-BIT UP RING COUNTER, CDIP16 BRAZE SEALED, DIP-16
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|