PART |
Description |
Maker |
74AUP2G38 74AUP2G38DC 74AUP2G38GM 74AUP2G38GT 74AU |
Low-power dual 2-input NAND gate (open-drain) Low-power dual 2-input NAND gate; open drain; Package: SOT765-1 (VSSOP8); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT NAND GATE, PDSO8
|
Philips Semiconductors NXP Semiconductors N.V.
|
MAX6315US25D1-T MAX6315US25D2-T MAX6315US25D3-T MA |
Open-Drain SOT μP Reset Circuit Open-Drain SOT 渭P Reset Circuit Open-Drain SOT P Reset Circuit Cartridge Fuse; Current Rating:20A; Voltage Rating:600V; Fuse Type:Time Delay; Diameter:20.574mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:57.15mm; Peak Reflow Compatible (260 C):No; Series:LPJ RoHS Compliant: No SOCKET, 28 PIN, MACHINE, 0.6" WIDE, 0.1" L.S. 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-Drain SOT レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ADAPTER SOWIC TO DIP 24 POS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-drain microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] 电源管理 Maxim Integrated Products, Inc.
|
74AUP1G06GF 74AUP1G06GM 74AUP1G06GW 74AUP1G06 |
Low-power inverter with open-drain output
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74AUP1G38GF 74AUP1G38GM 74AUP1G38GN 74AUP1G38GS 74 |
Low-power 2-input NAND-gate (open drain)
|
NXP Semiconductors
|
74LVX05 74LVX05MTR 74LVX05TTR |
LOW VOLTAGE HEX INVERTER (OPEN DRAIN) LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX4200 MAX4200ESA MAX4200EUK-T MAX4200-MAX4205 MA |
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers BUFFER AMPLIFIER, PDSO8 Ultra-High-Speed, Low-Noise, Low-Power,SOT23 Open-Loop Buffers Ultra-High-Speed / Low-Noise / Low-Power / SOT23 Open-Loop Buffers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
74AUP1G96 74AUP1G96FHX 74AUP1G96L6X |
TinyLogic? Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
|
Fairchild Semiconductor
|
CAT808NTFI-32-T1 CAT808NTFI-27-T1 |
Supervisor, Open drain, Act low 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3
|
ON Semiconductor
|
74AUP1G95L6X 74AUP1G95FHX |
TinyLogic? Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
|
Fairchild Semiconductor
|
BS616UV2019 BS616UV2019TIP85 BS616UV2019AC BS616UV |
Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit 超低功率/电压CMOS SRAM28K的16 020419-0023 超低功率/电压CMOS SRAM28K的16 Hex Buffer/Driver With Open-Drain Outputs 14-SOIC -40 to 85 JT 55C 55#20 SKT PLUG Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
74AUP1G06GM132 74AUP1G06GM115 |
Low-power inverter with open-drain output; Package: SOT886 (XSON6); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|