PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8842ELT MAX8840ELT MAX8840ELT16T MAX8840ELT18T |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in レDFN
|
MAXIM[Maxim Integrated Products]
|
S2930-33 |
250mA Fixed Low Dropout Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
AAT3221IJS-1.5-T1 AAT3221IJS-1.6-T1 AAT3221IJS-1.8 |
150mA NanoPower⑩ LDO Linear Regulator 2.3 V FIXED POSITIVE LDO REGULATOR, 0.275 V DROPOUT, PDSO5 2.4 V FIXED POSITIVE LDO REGULATOR, 0.265 V DROPOUT, PDSO8 1.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.235 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5 2 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO5 150mA NanoPower?LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
AS1356-27-T AS1356-33-T |
Linear Low-Dropout 150mA Voltage Regulators
|
austriamicrosystems AG
|
MAX8891EXK33/VT MAX8891EXK26T MAX8891EXK18T MAX889 |
High PSRR, Low-Dropout, 150mA Linear Regulators
|
Maxim Integrated Products Maxim Integrated Produc...
|
SC11230CSK.TR SC11233CSK.TR SC11236CSK.TR SC11238C |
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
|
Semtech Corporation
|
MAX8841ELTXYT MAX8840ELTXY0T MAX8842ELTT MAX8840 M |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in UDFN
|
MAXIM[Maxim Integrated Products]
|
SGM2005-2.5 SGM2005-2.5YD6_TR SGM2005-2.8 SGM2005- |
Low Power, Low Dropout, 150mA, RF - Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|