PART |
Description |
Maker |
AIC1734-18 AIC1734-33 AIC1734-18CUTR AIC1734-20CUT |
300mA Low Dropout Linear Regulator CAP, ELEC, 330UF, 50V 300mA低压差线性稳压器 300mA Low Dropout Linear Regulator 300mA低压差线性稳压器 DIODE STD REC 1600V 85A DO-5
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Intergrations Co...
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
AIC1722A-20XU AIC1722A-20XXA |
300mA Low Dropout Linear Regulator
|
Analog Intergrations Co...
|
SS62951D-33CSTB SS62951-33CSTB SS62951D-33CSTR SS6 |
150mA/ 300mA Low Dropout Linear Regulatror
|
Silicon Standard Corp.
|
AP133-WG-7 AP133 AP133-SN AP133-SNG-7 AP133-SN-W |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
AP7333 AP7333-33SRG-7 AP7333-12SRG-7 AP7333-33SAG- |
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes Incorporated
|
APL5316-33BI-TRG |
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
|
Anpec Electronics Corop...
|
SG2011-2.5 SG2011-2.5XK3 SG2011-2.5XK3_TR SG2011-2 |
300mA , Low Power, Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|