PART |
Description |
Maker |
ISL91106 |
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
|
Intersil Corporation
|
MAX15053 |
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
|
Maxim Integrated Products
|
MAX15053EWL MAX1505311 |
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
|
Maxim Integrated Products
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
MC34726AFC MC34726AFCR2 MC34726BFCR2 MC34726CFC MC |
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
|
Freescale Semiconductor, Inc
|
MAX15118EWI |
High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
|
Maxim Integrated Products
|
LTC1709EG-7 LTC1709-7 |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
|
LINER[Linear Technology]
|
NCP5604 NCP5604AMTR2G NCP5604BMTR2G NCP5604B NCP56 |
3- or 4-output current mode Charge Pump LED driver HIGH EFFICIENCY WHITE LED DRIVER
|
ONSEMI[ON Semiconductor]
|
UC3842A-D08-T UC3842A05 UC3842A UC3843A UC3843AL-S |
CURRENT MODE PWM CONTROL CIRCUITS High Performance Current Mode Controllers
|
UNISONIC TECHNOLOGIES CO LTD 友顺科技股份有限公司 UTC[Unisonic Technologies] ON Semiconductor http://
|
NCP1217A NCP1217 NCP1217D65R2 NCP1217P65 NCP1217AD |
Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies PWM CURRENT- MODE CONTROL
|
ONSEMI[ON Semiconductor]
|
Q62702-D930 BD487 BD488 Q62702-D929 Q62702-C825 SI |
PNP SILICON PLANAR TRANSISTORS NPN Silicon Darlington Transistor (High current gain High collector current) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87%
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|