PART |
Description |
Maker |
ASM8500-42 ASM8500-29 ASM8500-27 ASM8500 |
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output From old datasheet system Low Power CPU Supervisors
|
ALSC[Alliance Semiconductor Corporation]
|
NCV8613 NCV8613MNR2G |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
|
ON Semiconductor
|
100355PC 100355QC 100355QI 100355 100355DC 100355Q |
From old datasheet system Low Power Quad Multiplexer/Latch(低功耗、四锁存多路 Low Power Quad Multiplexer/Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
M62005FP M62005L M62006FP M62006L M62003FP M62003L |
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES 低功2输出系统复位IC系列
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric, Corp.
|
HS-1115RH FN4098 5962F9678501VPA HFA1115IP |
Buffer, Output Limiting, Closed-Loop, 225MHz, 1135V/s, Programmable Gain, Rad-Hard From old datasheet system Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier(抗辐射高速、低功耗、输出限定的锁相环缓冲放大器)
|
INTERSIL[Intersil Corporation]
|
MAX549 MAX548 MAX548A MAX548ACPA MAX548ACUA MAX548 |
From old datasheet system 2.5V to 5.5V Low-Power Single/Dual 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual,8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package
|
MAXIM[Maxim Integrated Products] Maixm
|
MAX5533 MAX5532 MAX5532EUA MAX5533EUA MAX5535 MAX5 |
From old datasheet system Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
|
MAXIM[Maxim Integrated Products]
|
MAX7384B MAX7384CRVT MAX7384CRVB MAX7384CMUK MAX73 |
11.0592 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 12 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 14-CDIP -55 to 125 硅振荡器的低功耗高频开关和复位输出 14.7456 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 10 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
ICS8501 ICS8501BYT |
LOW SKEW CLOCK DRIVER, 16 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 From old datasheet system Low Skew, 1-to-16, Differential Current Mode (DCM) Fanout Buffer
|
ICS
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
2SB77 |
From old datasheet system GERMANIUM PNP ALLOYED JUNCTION (LOW SPEED SWITCHING AUDIO FREQUENCY POWER OUTPUT)
|
List of Unclassifed Manufacturers Unknow
|