PART |
Description |
Maker |
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LX8816-04CDF-TR LX881605 |
Dual Channel 1A Low Dropout Regulator
|
Microsemi Corporation
|
APL5537MRCTI-TRG APL5537BBQBI-TRG APL5537OOCTI-TRG |
Dual Channel 300mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Coroprati... Anpec Electronics Corop...
|
APL5537 APL5537WCTI-TRG APL5537WQBI-TRG |
Dual Channel 300mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration
|
MSK5002-15 MSK5003-15 MSK5008-15 MSK5005-15 MSK500 |
Dual Low Dropout Voltage Dual Low Dropout Voltage7
|
M.S. Kennedy Corporatio...
|
EZ1582 EZ1582CM EZ1582CM-2.5 EZ1582CT EZ1582CT-2.5 |
.100 14POS GOLD SOCKET DUAL INPUT LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection L RND MOM BLK GL UNV LL RoHS Compliant: Yes
|
SEMTECH[Semtech Corporation]
|
LX8821 LX8821CDF |
Low Drop Out Regulator DUAL CHANNEL 2.5A LOW DROPOUT REGULATOR
|
MICROSEMI[Microsemi Corporation]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TLE447008 TLE4470G TLE4470GS |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO14 Dual Low-Drop Voltage Regulator Very low dropout
|
Infineon Technologies AG
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS8161YTVA5 CS8161YTHA5 CS8161YT5 CS8161 CS8161YDW |
12V/ 5V Low Dropout Dual Regulator with ENABLE 12V, 5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|