PART |
Description |
Maker |
LT1172 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology Corporation
|
MSK5030-5.0B |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
MS KENNEDY CORP
|
STR-W6765 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Allegro MicroSystems, Inc.
|
LTC1267-ADJ5 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Linear Technology Corporation
|
PIC17C752-33_JW PIC17C752-08I/JW PIC17C752-08I/P P |
Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 高性能8位微控制器的CMOS存储 BBG ECL GATE OR/AND DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 高性能8位微控制器的CMOS存储 IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 Replacement lens; Style: Replacement lens/domes; Color: Red/Yellow/Green/Blue; Diameter: 82mm square; Applicable Model: KJS(B); Material: Acrylic 高性能8位微控制器的CMOS存储 High-Performance 8-Bit CMOS EPROM Microcontrollers 高性能8位微控制器的CMOS存储 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C OSC 3.3V SMT 7X5 CMOS 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:8; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
LTC1560-1 |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
LT1977 1977F LT1977EFE LT1977IFE 1977IFE |
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current From old datasheet system High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100μA Quiescent Current
|
LINER[Linear Technology]
|
LM2902 LM324 CA124 FN796 |
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications(1MHz??矾楂?????绠??澶у?) From old datasheet system
|
Intersil Corporation
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
LT1371 LT1371CR LT1371CSW LT1371CT7 LT1371HV LT137 |
From old datasheet system 500kHz High Efficiency 3A Switching Regulator
|
LINER[Linear Technology]
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|