PART |
Description |
Maker |
KM68FS1000 KM68FR1000 |
128K x8 Bit Super Low Power and Low Voltage Full CMOS Static RAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128K的x8位超低功耗和低电压的CMOS全静态RAM28K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MX27L1000 MX27L1000MC-12 MX27L1000MC-15 MX27L1000M |
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 TRIM POT 500 OHM 3MM SQUARE SMD TRIM POT 50K OHM 3MM SQUARE SMD
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. MCNIX[Macronix International]
|
BS616LV2017 BS616LV2017EIP70 BS616LV2017AC BS616LV |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 FF-SR2 Series, Two-hand Control, 24 Vdc 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... Honeywell International, Inc. BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
LP62E16128AV-70LLI LP62E16128A-I LP62E16128AU-70LL |
128K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
LP62S16128B-I LP62S16128BU-55LLI LP62S16128BU-70LL |
128K X 16 BIT LOW VOLTAGE CMOS SRAM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|
EM621FV8AU-70LL EM7640FV8AU-70LL EM621FS16AU-45LL |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
EM621FV16BU |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
LP62S16128C-T LP62S16128CU-55LLT LP62S16128CU-70LL |
128K X 16 BIT LOW VOLTAGE CMOS SRAM 128K的16位低电压CMOSSRAM
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
BS62LV1024 BS62LV1024DC BS62LV1024DI BS62LV1024JC |
Very Low Power/Voltage CMOS SRAM 128K X 8 bit 非常低功电压CMOS SRAM28K的8
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
BS616LV2023 BS616LV2023AC BS616LV2023AI BS616LV202 |
VERY LOW POWER/VOLTAGE CMOS SRAM 128K X 16 OR 256K X 8 BIT SWITCHABLE
|
BRILLIANCE SEMICONDUCTOR, Inc. BSI[Brilliance Semiconductor]
|
AT28LV010 DOC235 AT28LV010-20JC AT28LV010-25TI AT2 |
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM From old datasheet system 1 Megabit (128K x 8) Low Voltage Paged CMOS
|
ATMEL[ATMEL Corporation]
|