PART |
Description |
Maker |
LP62E16128AV-70LLI LP62E16128A-I LP62E16128AU-70LL |
128K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
EM620FU16 |
128K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM621FV16BU |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM610FV8S |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM6320FP16AS-10L EM6320FP16AS-10LF EM6320FP16AS-70 |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Sol... Emerging Memory & Logic Solutions Inc
|
STC62WV12816 |
Very Low Power/Voltage CMOS SRAM 128k X 16 bit
|
STC
|
K6F2016U4D K6F2016U4D-F K6F2016U4D-FF55 K6F2016U4D |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor]
|
WS628128LLT-70 WS628128LLST-70 WS628128LLP-70 -WS6 |
Very Low Power/Voltage CMOS SRAM 128K X 8 bit 非常低功电压CMOS SRAM28K的8
|
永盛国际集团 Wing Shing Electronics Co., (H.K.) Ltd. 姘哥??介????
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
AT28LV010 DOC235 AT28LV010-20JC AT28LV010-25TI AT2 |
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM From old datasheet system 1 Megabit (128K x 8) Low Voltage Paged CMOS
|
ATMEL[ATMEL Corporation]
|