PART |
Description |
Maker |
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
AT90S2313 |
2-Kbyte In-System programmable Flash Program Memory, 160 byte SRAM, 128 Byte EEPROM, Up to 10 MIPS throughput at 10 Mhz. 8-bit Microcontroller with 2K Bytes of In-System
Programmable Flash
|
ATMEL
|
XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256V |
XC18V00 Series of In-System Programmable Configuration PROMs In-system programmable configuration PROM.
|
Xilinx
|
ICS94203 ICS94203YF-T |
Programmable System Frequency Generator for PII/III⑩ 815 3 DIMM Single Chip, Programmable
|
ICST[Integrated Circuit Systems]
|
MC10E196 MC10E196FN MC100E196 MC100E196FN ON0641 |
From old datasheet system PROGRAMMABLE DELAYCHIP PROGRAMMABLE DELAY CHIP
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
81080V ISPLSI81080V-60LB272 ISPLSI81080V-90LB492 I |
3.3V In-System Programmable SuperBIG High Density PLD 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 14.5 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032E ISPLSI2032E-110LJ44 ISPLSI2032E-110LT4 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFASTHigh Density PLD In-System Programmable SuperFAST High Density PLD 在系统可编程超快高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI5512VA-70LB388 ISPLSI5512VA-70LB272 ISPLSI55 |
Electrically-Erasable Complex PLD In-System Programmable 3.3V SuperWIDEHigh Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?High Density PLD
|
Lattice Semiconductor Corporation
|
CY8C24094 CY8C24094-24AXI CY8C24094-24BVXI CY8C240 |
PSoC庐 Programmable System-on-Chip??/a> PSoC? Programmable System-on-Chip?/a>
|
Cypress Semiconductor
|