PART |
Description |
Maker |
HDC-0505S |
IC CONV DC-DC STEP-DOWN 4.5 TO 5.5VIN
|
Shindengen Electric Mfg. Co., Ltd.
|
APC18T04 |
3.0-5.5Vin / 18A Non-Isolated Point-of-Load
|
Astec America, Inc
|
DNT04S0A0R05NFA DNT04S0A0S03NFA DNT04S0A0S05NFA DN |
Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
|
Delta Electronics, Inc.
|
DCS04S0A0S06NFA DCM04S0A0S06NFA DCM04S0A0S06PFA DC |
Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
|
Delta Electronics, Inc.
|
TS3300DB |
A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
|
Touchstone Semiconductor Inc
|
DNL12S0A0R16NFA DNL12S0A0R16NFB DNL12S0A0R16NFC DN |
Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
|
DELTA[Delta Electronics, Inc.]
|
DNM04S0A0S10PFA DNM04S0A0S10PFB DNM04S0A0S10PFC DN |
Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
|
DELTA[Delta Electronics, Inc.]
|
IRDCIP1001-B |
200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001 200kHz00kHz0A条,5VIN2VIN单相同步降压转换器使用iP1001
|
International Rectifier, Corp.
|
DNL04S0A0R10NFD |
Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
|
Delta Electronics, Inc.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|