PART |
Description |
Maker |
BHP-250 |
High Pass Filter 50Ω 225 to 3000 MHz High Pass Filter 50惟 225 to 3000 MHz High Pass Filter 50ヘ 225 to 3000 MHz
|
Mini-Circuits
|
NHP-250 |
High Pass Filter 50Ω 225 to 3000 MHz High Pass Filter 50惟 225 to 3000 MHz High Pass Filter 50ヘ 225 to 3000 MHz
|
Mini-Circuits
|
J4-40008 |
225 MHz - 400 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.75 dB INSERTION LOSS-MAX
|
CRANE ELECTRONICS INC
|
QL3025R-2PF144I QL3025R-2PB256C |
FPGA, 672 CLBS, 25000 GATES, 225 MHz, PQFP144 FPGA, 672 CLBS, 25000 GATES, 225 MHz, PBGA256
|
QUICKLOGIC CORP
|
260505B |
225.515 MHz SAW Filter
|
Integrated Technology Future
|
AD8114AST AD8114ASTZ2 AD8115-EVAL AD811405 AD8115A |
Low Cost 225 MHz 16 × 16 Crosspoint Switches
|
Analog Devices
|
VTV-300-4 VTV-300-2 |
30 W, 25 V, 175-225 MHz, silicon NPN transistor
|
Acrian
|
ADV7612 |
Dual Port, Xpressview, 225 MHz HDMI Receiver
|
Analog Devices
|
UMIL25 |
25 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
ADPOW[Advanced Power Technology]
|
RF-3184-AT320 RF-3184-AT324 |
uhf vehicular Dipole Antenna, 225 to 450 MHz
|
Harris Corporation
|
224001 289 22503.5 224.100 224.125 224.250 224.375 |
Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Contact Rating:10mA at 12V; Mounting Type:PCB; Switch Function:SPST-NO 2AG快速代理型224/225/288/289系列 Mini lighted green DPST, "o -" 2AG快速代理型224/225/288/289系列 2AG Fast-Acting Type 224/225/288/289 Series 2AG快速代理型224/225/288/289系列 Mini non-lighted DPST, unprinted Mini lighted green DPST, unprinted Optical Mouse; Color:Silver; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SWITCH SPST KEYPAD CHERRY
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|