PART |
Description |
Maker |
BLM18AG471SN1D BLM18AG121SN1B BLM18AG102SN1D |
FERRITE CHIP 470 OHM 200MA 0603 BEAD FERRITE SM 0603 120@100MHZ 200MA BEAD,FERRITE,1000 OHMS, /-25%,100MA,0603
|
MURATA MANUFACTURING CO LTD
|
4211-12 4211-13 4211-18 4211-2 4211-21 4211-23 421 |
Axial Leaded Filter Bead 1 FUNCTIONS, FERRITE BEAD
|
API Delevan
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
WFB-1.5-281-1-RC10 WFB-2.5-601-2-RC WFB-2.5-681-3- |
Wound Ferrite Beads 1 FUNCTIONS, FERRITE BEAD
|
Allied Components International http://
|
MLB05-550-RC MLB05-060-RC MLB05-560-RC MLB05-200-R |
1 FUNCTIONS, 0.4 A, FERRITE CHIP Multilayer Ferrite Bead s
|
http:// Allied Components International
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
ILB1206 ILB-1206 |
Multilayer Ferrite Bead Multilayer Ferrite Beads
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
2773004111 2743004111 |
1 FUNCTIONS, FERRITE BEAD
|
FAIR-RITE PRODUCTS CORP
|
BDC0306LT52A600Y |
1 FUNCTIONS, FERRITE BEAD
|
KOA SPEER ELECTRONICS INC
|
MCB4532S700KBE MCB1005S300FBP MCB3216S201IB MCB322 |
Chip Ferrite Bead
|
INPAQ
|
ACML-0805H-601-T ACML-0805H-181-T ACML-0805H-301-T |
1 FUNCTIONS, 1.2 A, FERRITE BEAD 1 FUNCTIONS, 2 A, FERRITE BEAD 1 FUNCTIONS, 1.5 A, FERRITE BEAD
|
ABRACON CORP
|
MLB03-800-RC MLB03-300-RC MLB03-060-RC MLB03-600-R |
Multilayer Ferrite Bead s
|
Allied Components International
|