PART |
Description |
Maker |
IR2127 |
CURRENT SENSING SINGLE CHANNEL DRIVER
|
International Rectifier
|
AD7507JN AD7507SE AD7507SD/883B AD7507SE/883B AD75 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Single 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
FGB3040CS |
EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
|
http:// Fairchild Semiconductor
|
STM8T141AU61T |
Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
|
ST Microelectronics
|
ACS758ECB-200B-PSS-T ACS758ECB-200B-PFF-T ACS758EC |
The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
|
Allegro MicroSystems
|
IR2175 IR2175S IR2175SPBF IR2175STRPBF IR2175PBF |
LINEAR CURRENT SENSING IC
|
IRF[International Rectifier]
|
CS4050V-01L CS4200V-01L CS4100V-01L |
Current Sensing Transformers
|
Coilcraft lnc.
|
TCS2 TCS3 |
CURRENT SENSING RESISORS
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
F1A011M01 F1A011M02 |
Current sensing relay. Nominal coil current 20mA. Coil resistance ( -10%) 10.
|
Global Components & Controls
|
TSL1TTE20L0D TSL1TTE20L0F TSL1TTE20L0G TSL1TTE20L0 |
Current Sensing Chip Resistors
|
KOA Speer Electronics, Inc. KOA Speer Electronics, ...
|
CLS25120500OHMS CLS0402-13 |
Current Sensing Chip Resistor
|
Riedon Powertron
|
55050C 55200C |
15A Current Sensing Transformers
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|