PART |
Description |
Maker |
PS7241C-AT5F3 PS7241C-AT1F4 PS7241C-AT5F4 |
FET-OUTPUT OPTOCOUPLER High and Low Side Driver, Noninverting Inputs; A IR2101 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IRS21064 packaged in a Lead-Free 14-Lead PDIP 场效应管输出光耦合 High and Low Side Driver, Noninverting Inputs; A IR2101S with Standard Packaging 场效应管输出光耦合
|
NEC, Corp.
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
IR2304IR2304S IR2304 IR2304S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package HALF-BRIDGE DRIVER
|
International Rectifier
|
IR2113STR IR2110 IR2110S IR2110SPBF IR2113-1 IR211 |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 16-lead SOIC package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 16-pin DIP -2 leads package
|
International Rectifier
|
AUIRS20161S |
One high side output and internal low side Vs recharge. Automotive Grade High Side Driver with Internal Vs Recharge in a SO-8 package
|
International Rectifier International Rectifier, Corp.
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IR2131SPBF IR2131-15 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
International Rectifier
|
TTLDM-65 LPSLDM-65 LDM-ACT-70 SMLDM-TTL-25 MDLDM-T |
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Quad High Side Micropower MOSFET Driver with Internal Charge Pump; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Tapped Delay Line 抽头延迟
|
Intersil, Corp. Analog Devices, Inc. TE Connectivity, Ltd. Microsemi, Corp. Microchip Technology, Inc.
|
L9348 L9348-DIE1 L9348-TR |
Relay, DPDT, 16 Amp, Dual Coil,24A RoHS Compliant: Yes CAP CER 1500PF 3.15KVDC R3 RAD QUAD LOW SIDE DRIVER QUAD LOW SIDE DRIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|