PART |
Description |
Maker |
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MSM486SL MSM486SL16 MSM486SL8 MSM486SL2 |
The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board
|
List of Unclassifed Manufacturers ETC[ETC]
|
MAX110-MAX111 MAX111 MAX111ACAP MAX111ACPE MAX111A |
Low-Cost, 2-Channel, ±14-Bit Serial ADCs Low-Cost / 2-Channel / 14-Bit Serial ADCs Low-Cost, 2-Channel, 14-Bit Serial ADCs Low-Cost 2-Channel 14-Bit Serial ADCs From old datasheet system Low-Cost, 2-Channel, 【14-Bit Serial ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD7655ACPZRL AD7655ASTZRL AD7661 AD7660 |
Low Cost, 4-Channel, 1 MSPS 16-Bit PulSAR® A/D Converter; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, QCC48 Low Cost, 4-Channel, 1 MSPS 16-Bit PulSAR® A/D Converter; Package: LQFP; No of Pins: 48; Temperature Range: Industrial 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR? ADC Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR? ADC
|
Analog Devices, Inc.
|
AD74122 |
Low Cost, Low Power Mono Audio Codec 2.5 V, 24-Bit Sigma-Delta Stereo Codec AD74122: Low Cost. Low Power Stereo Audio Codec Preliminary Data Sheet (Rev. PrG. 1/03)
|
Analog Devices, Inc.
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX5383EUTT MAX5384EUTT MAX5385EUTT MAX5383EZTT MA |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO6
|
Maxim Integrated Products, Inc.
|
AD8137YCP-R2 AD8137YRZ-REEL7 AD8137 AD8137YCP-REEL |
Low Cost 10-12 Bit Differential ADC Driver Low Cost, Low Power 12-Bit Differential ADC Driver
|
AD[Analog Devices]
|
MAX5385EZT MAX5385EZTT |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
|
MAXIM - Dallas Semiconductor
|
MAX536011 MAX5361 MAX5362 MAX5362LEUK MAX5360LEUK |
Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
|
Maxim Integrated Products Maxim Integrated Produc...
|