PART |
Description |
Maker |
V62C2161024LL-55T V62C2161024LL-85T V62C2161024L V |
64K X 16 STANDARD SRAM, 100 ns, PDSO44 Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic Corp Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
V62C1801024LL-85B V62C1801024LL-85T V62C1801024LL- |
LCD Displays 15.0 inch (38.0 cm) LVDS Ultra Low Power 128K x 8 CMOS SRAM 128K的超低功耗8 CMOS SRAM
|
Mosel Vitelic Corp Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp.
|
V62C2801024L V62C2801024LL-85V V62C2801024L_L-100B |
Ultra Low Power 128K x 8 CMOS SRAM 128K的超低功耗8 CMOS SRAM
|
MOSEL[Mosel Vitelic Corp] MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp.
|
V62C1161024LL-120T |
Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
Mosel Vitelic, Corp.
|
V62C3802048LL-35T V62C3802048LL-35V V62C3802048LL- |
256K X 8 STANDARD SRAM, 35 ns, PDSO32 256K X 8 STANDARD SRAM, 45 ns, PDSO32 Ultra Low Power 256K x 8 CMOS SRAM 超低功256K × 8 CMOS SRAM Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic, Corp. Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
N02L63W3AB25I N02L63W3AB5IT N02L63W3A |
2 Mb Ultra-Low Power Asynchronous CMOS SRAM 2 Mb, 3 V Low Power SRAM; Package: BGA; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 128K X 16 STANDARD SRAM, 70 ns, PBGA48 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 16bit
|
ON Semiconductor
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MK48Z02 MK48Z02B12 MK48Z02B15 MK48Z02B20 MK48Z02B2 |
FILTER SAW BNDPASS 43.75MHZ 5SIP CMOS 2K x 8 XEROPOWER SRAM CMOS 2K x 8 XEROPOWER SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|