PART |
Description |
Maker |
FAR-F5CM-947M50-B260 FAR-F5CM-947M50-B260-U FAR-F5 |
Evaluation Board for LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 SAW Filter (700 to 1000 MHz)
|
FUJITSU LTD Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
SPX1121M3-L-5.0/TR SPX1121N-L-5.0 SPX1121N-L-5.0/T |
150mA Low Dropout Voltage Regulator, 1%
|
Sipex Corporation
|
PJ2951CS-3.3 PJ2950 PJ2950ACT PJ2950ACT-3.0 PJ2950 |
150mA Low Dropout Voltage Regulators
|
List of Unclassifed Manufacturers ETC[ETC]
|
SPX2930_05 SPX2930 SPX2930M1-3.3 SPX2930M1-3.3_TR |
150mA Low Dropout Voltage Regulator, 3%
|
http:// SIPEX[Sipex Corporation]
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
AS1356-27-T AS1356-33-T |
Linear Low-Dropout 150mA Voltage Regulators
|
austriamicrosystems AG
|
LT1521CST-3TR LT1521CMS8-3TRPBF LT1521CS8-3TR LT15 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4
|
Linear Dimensions Semic... Linear Dimensions Semiconductor LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AME8750 |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AME
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|