PART |
Description |
Maker |
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VCXH2245 74VCXH2245MTC 74VCXH2245WM |
Low Voltage Bidirectional Transceiver with Bushold and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26ヘ Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26Ω Series Resistors in B Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVQ245 4907 74LVQ245T 74LVQ245M |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE From old datasheet system LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
TFBS6712 TFBS6712-TR1 TFBS6712-TR3 |
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications with Low voltage Logic (1.8 V)
|
Vishay Siliconix
|
74VCX2245WM 74VCX2245WMX 74VCX2245 74VCX2245BQX 74 |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in B Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX16543 MTD56 74LCX16543MEA 74LCX16543MTD 74LCX |
Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs From old datasheet system Low Voltage 16-Bit Registered Transceiver with 5V-Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TFBS6712-TR1 TFBS6712-TR3 |
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications with Low voltage Logic (1.8 V) 超薄快速红外线收发器(4兆飞行情报区/秒)与低电压逻辑.8伏的IrDA应用
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
SA1638BE SA1638 |
Low voltage IF I/Q transceiver
|
PHILIPS[Philips Semiconductors]
|