PART |
Description |
Maker |
STT1NF100 |
N-CHANNEL 100 V - 0.7 OHM - 1 A SOT23-6L STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMicroelectronics ETC
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V 0.030 OHM 5A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFETII POWER MOSFET N沟道20V 0.030欧姆- 5A条采用SOT23 - 6L 2.7 -驱动STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
STFN STT5NF30L |
N-CHANNEL 30V 0.039 OHM 4A SOT23-6L STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
ZXM41N10F |
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL D MOSFET
|
ZETEX[Zetex Semiconductors]
|
DMN3730U-7 |
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
|
TY Semiconductor Co., Ltd
|
ZXMN2F34FHTA |
20V SOT23 N-channel enhancement mode MOSFET
|
Zetex Semiconductors
|
ZXMN2088DE6TA |
20V Dual SOT23-6 N-channel enhancement mode MOSFET
|
TY Semiconductor Co., Ltd
|
BAP64-06 |
Silicon PIN diode BAP64-06<SOT23 (SOT23)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;
|
NXP Semiconductors N.V.
|
MAX1286 MAX1286EKA-T MAX1287 MAX1287EKA-T MAX1288 |
150ksps / 12-Bit / 2-Channel Single-Ended / and 1-Channel True-Differential ADCs in SOT23 "150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True- Differential ADCs in SOT23" 150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Linear Technology, Corp.
|