PART |
Description |
Maker |
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
MPC17510R2 MPC17510EJ |
1.2 A 15 V H-Bridge Motor Driver IC 1.2 15 V的H桥电机驱动芯 1.2 A 15 V H-Bridge Motor Driver IC BRUSH DC MOTOR CONTROLLER, 3.8 A, PDSO24
|
Motorola Mobility Holdings, Inc.
|
IR3101 |
BRUSH DC MOTOR CONTROLLER, 1.6 A, PSIP9 Intelligent Power Module. Gate Driver IC integrated with a half bridge FredFET Designed for sub 250W Motor Drive applications in a 9-Lead SIP. RDSon of 1.0 Ohm Intelligent Power Module.Gate Driver IC integrated with a half bridge FredFET Designed for sub 250 Half-Bridge FredFet and Integrated Driver RESISTOR 5.6 OHM 35W TO220
|
IRF[International Rectifier]
|
IR2184 PIR21844 IR2184PBF IR21844PBF IR21844S IR21 |
Gate drive supply range from 10 to 20V HALF-BRIDGE DRIVER HALF-BRIDGE DRIVER
|
International Rectifier
|
TLE84106EL |
1.5 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 GREEN, PLASTIC, SSOP-24 Hex-Half-Bridge Driver IC
|
Infineon Technologies A...
|
FAN7842_07 FAN7842 FAN7842M FAN7842MX FAN784207 |
Half Bridge Gate Driver 0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High and Low Side Gate Driver
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LA6525M |
Four-channel Bridge Driver for Compact Disc Players(用于CD播放器的四桥驱动 Four-channel Bridge Driver for Compact Dise Players
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
TLE5205-2GP TLE5205 |
5-A H-Bridge for DC-Motor Applications(5A、H桥型直流电机驱动 Smart Motorbridges Driver ICs - 5A H-Bridge for DC Motor
|
SIEMENS AG Infineon
|
IR2214SSPBF IR2214SSTRPBF |
2 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 HALF-BRIDGE GATE DRIVER IC
|
International Rectifier
|