PART |
Description |
Maker |
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74VHC04MTCX 74VHC04MX 74VHC04N 74VHC04MTC 74VHC04M |
CERAMIC CHIP/MIL-PRF-55681 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHCT04ASJX 74VHCT04 74VHCT04A 74VHCT04AM 74VHCT0 |
CERAMIC CHIP/MIL-PRF-55681 AHCT/VHCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP -40 to 85 AHCT/VHCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
74HC04DR2G 74HC04 74HC04DTR2G 74HC04.REV1 |
74HC04 Data Sheet Hex Inverter High−Performance Silicon−Gate CMOS Hex Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
M74HC14 M74HC14B1 M74HC14RM13TR M74HC14TTR M74HC14 |
HEX SCHMITT INVERTER HEX SCHMITT INVERTER Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74HCT14 74HCT14DR2G 74HCT14DTR2G 74HCT14.REV1 |
74HCT14 Data Sheet Hex Schmitt-Trigger Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Schmitt−Trigger Inverter with LSTTL Compatible Inputs High−Performance Silicon−Gate CMOS
|
Rectron Semiconductor
|
74ACTQ04 74ACTQ04PC 74ACTQ04SC 74ACTQ04SJ |
Quiet Series⑩ Hex Inverter Quiet Series Hex Inverter
|
FAIRCHILD[Fairchild Semiconductor]
|