PART |
Description |
Maker |
IDT74LVCR2245A IDT80LVCR2245APG IDT80LVCR2245AQ ID |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 SOIC-20 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5V TOLERANT I/O 3.3V CMOS Octal Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ASM3P2869AG-08TT ASM3I2869A-06OR ASM3I2869A-08SR A |
Low Power Peak EMI Reducing Solution 13 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 LJT 100C 100#22D PIN PLUG Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M74HCT245RM13TR M74HCT245TTR M74HCT245 M74HCT245B1 |
OCTAL BUS TRANSCEIVER (3-STATE NON INVERTING) OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74F646_04 74F646 74F646MSA 74F646SC 74F646SPC 74F6 |
F/FAST SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 5.30 MM, MO-150, SSOP-24 Octal Transceiver/Register with 3-STATE Outputs Octal Bus Transceiver and Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ASM3P2872AG-08TT ASM3I2872A-06OR ASM3I2872A-08SR A |
Replaced by SN74LV273A : Octal D-Type Flip-Flop With Clear 20-SSOP -40 to 85 30 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal Bus Transceiver With 3-State Outputs 20-VQFN -40 to 85 30 MHz, OTHER CLOCK GENERATOR, PDSO8 Low Power Peak EMI Reducing Solution 30 MHz, OTHER CLOCK GENERATOR, PDSO8 PWR SPLY SWITCHING 5V 3.8A Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
74AC245 74AC245B 74AC245M 4699 |
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED) From old datasheet system
|
STMicroelectronics
|
DP8308J DP7307J AM8308 DP8307N DP8307J DP8307NB AM |
(DP8308) Octal 3 State Bidirectional Bus Transceiver OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
|
Advanced Micro Devices AMD ETC[ETC] List of Unclassifed Manufacturers http://
|
M74HC643 M74HC643RM13TR M74HC643TTR M74HC643B1R M7 |
OCTAL BUS TRANSCEIVER (3-STATE) OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC54-74HC245A MC74HC254A MC54HC245A MC54_74HC245A |
Octal 3-State Noninverting Buffer Transceiver 八路三态收发器同相缓冲 OCTAL 3-STATE NONINVERTING BUS TRANSCELVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|