PART |
Description |
Maker |
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD74LS107A HD74LS107AFP HD74LS107AP HD74LS107ARP |
Dual J-K Flip-Flops with Clear Dual J-K Negative-edge-triggered Flip-Flops(with Clear) FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|SOP|14PIN|PLASTIC FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|DIP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
MC74HC273AN MC74HC273ADTR2 MC74HC273ADT MC74HC273 |
Octal D-Type Flip-Flop OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
ON Semiconductor ONSEMI
|
HCTS74KTR HCTS74T HCTS74DTR |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS 20-LCCC -55 to 125 Radiation Hardened Dual-D Flip-Flop with
Set and Reset(抗辐射双D触发器(带置位、复位)) Radiation Hardened Dual-D Flip-Flop with Set and Reset HCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14
|
Intersil Corporation
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
HEC4027BT-T HEC4027BT112 HEC4027BT118 |
Dual JK flip-flop 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Tube 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13"
|
NXP Semiconductors N.V.
|
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
M81016FP M81016KP M81016P M81016P09 |
81016 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO20 OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|