PART |
Description |
Maker |
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFY044CM |
60V 0.040Ω N-Channel HEXFET Power MOSFET(60V 0.040Ω N沟道 HEXFET 功率 MOS场效应管) 60V.040ΩN沟道HEXFET功率MOSFET60V.040Ω沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
IRLB3036PBF |
60V Single N-Channel HEXFET Power MOSFET
|
International Rectifier
|
IRLS3036-7PPBF |
60V Single N-Channel HEXFET Power MOSFET
|
International Rectifier
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRFP064V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A?
|
Power MOSFET International Rectifier
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
IRLSL3036 |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRFB7530 IRFB7530PBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 package
|
International Rectifier
|
IRLZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|