PART |
Description |
Maker |
IDT70V9379L IDT70V9379L9PRF IDT70V9379L12PRF IDT70 |
32K x 18 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
70V9079_DS_70149 IDT70V9079S9PF IDT70V9079S9PF8 |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system
|
IDT
|
IDT70V27S25BF IDT70V27S25BFI IDT70V27L25BF IDT70V2 |
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 55 ns, PQFP100 Shaft; Style: 1 - light; Applicable Model: SE / SEFB
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT70V3379S6PRFI IDT70V3379S IDT70V3379S4BC IDT70V |
From old datasheet system HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 32K X 18 DUAL-PORT SRAM, 6 ns, PBGA256 HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 32K X 18 DUAL-PORT SRAM, 6 ns, PQFP128
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT7037 IDT7037L IDT7037L20PFI IDT7037L15PF IDT703 |
32K x 18 Dual-Port RAM HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
CY7C057V-15AC CY7C057 CY7C057V-15AI CY7C057V CY7C0 |
3.3V 16K/32K x 36 FLEx36(TM) Asynchronous Dual-Port Static RAM SRAM,32KX36,CMOS,QFP,144PIN,PLASTIC From old datasheet system 3.3V 16K/32K X 36 FLEX36 ASYNCHRONOUS DUAL-PORT STATIC RAM
|
Cypress Semiconductor Corp CYPRESS[Cypress Semiconductor]
|
AS9C25512M2018L AS9C25256M2018L AS9C25512M2018L-25 |
Dual-Port Sync SRAM-2.5V/3.3V 2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
|
ALSC[Alliance Semiconductor Corporation]
|
CY7C056V05 CY7C057V CY7C057V-12AC CY7C057V-15AXC C |
3.3V 16K/32K x 36 FLEx36垄芒 Asynchronous Dual-Port Static 3.3V 16K/32K x 36 FLEx36?/a> Asynchronous Dual-Port Static
|
Cypress Semiconductor http://
|
IDT709159L6BF IDT709159L6PF IDT709159L6PF8 IDT7091 |
8K x 9 Sync, Dual-Port RAM, PipeLined/Flow-Through 16K x 9 Sync,Dual-Port RAM, PipeLined/Flow-Through
|
IDT
|