PART |
Description |
Maker |
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
LP62S16256FU-70LLI LP62S16256FU-55LLI |
70ns; operating current:40mA; standby current:10uA; 256K x 16bit low voltage CMOS SRAM 55ns; operating current:40mA; standby current:10uA; 256K x 16bit low voltage CMOS SRAM
|
AMIC Technology
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
LP62S1024BX-55LLI LP62S1024BX-55LLIF |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM
|
AMIC Technology
|
V62C3801024L-100T V62C3801024LL-85V V62C3801024L V |
High Temp Tested PC357N5TJ00F Ultra Low Power 128K x 8 CMOS SRAM 128K的超低功耗8 CMOS SRAM
|
MOSEL[Mosel Vitelic Corp] MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp.
|
HY62WT08081E HY62WT08081E-DGC HY62WT08081E-DGE HY6 |
HY62WT08081E Series 32Kx8bit CMOS SRAM HY62WT08081E系列32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
CY7C09269V-12AC CY7C09289V-9AI CY7C09379V-12AC CY7 |
Memory : Dual-Ports True Dual-Ported memory cells which allow simultaneous access of the same memory location 3.3V 16K/32K/64K x16/18 Synchronous Dual-Port Static RAM 3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM SYNC SRAM|32KX18|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|64KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|32KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX18|CMOS|QFP|100PIN|PLASTIC 同步静态存储器| 16KX18 |的CMOS | QFP封装| 100引脚|塑料
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
HY62U8200B HY62U8200B-E HY62U8200B-I A0A17 |
Low Power Slow SRAM - 2Mb 256Kx8bit CMOS SRAM 256K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor
|
AT60142E-DC15SMV AT60142E-DC15SSB AT60142E-DC20M A |
IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF SWITCH Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 15 ns, DFP36 Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP36
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|