PART |
Description |
Maker |
GS4882-CDA GS4882-CKA GS4882-CKAE3 GS4882-CTA GS48 |
Video Sync Separators with 50% Sync Slicing Video Sync Separators with 50% Sync Slicing 视频同步分离0%同步分 (GS4882 / GS4982) Video Sync Separators with 50% Sync Slicing
|
Electronic Theatre Controls, Inc. ETC GENNUM[Gennum Corporation]
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
GS8324Z18B-225I GS8324Z18B-250I GS8324Z18B-133I GS |
225MHz 6.5ns 2M x 18 36Mb sync NBT SRAM 250MHz 6ns 2M x 18 36Mb sync NBT SRAM 133MHz 11ns 2M x 18 36Mb sync NBT SRAM 166MHz 8.5ns 2M x 18 36Mb sync NBT SRAM 150MHz 10ns 2M x 18 36Mb sync NBT SRAM 200MHz 7.5ns 2M x 18 36Mb sync NBT SRAM 166MHz 7ns 2M x 18 36Mb sync NBT SRAM 133MHz 11ns 1M x 36 36Mb sync NBT SRAM 150MHz 10ns 1M x 36 36Mb sync NBT SRAM 166MHz 8.5ns 1M x 36 36Mb sync NBT SRAM 200MHz 7.5ns 1M x 36 36Mb sync NBT SRAM 225MHz 6.5ns 1M x 36 36Mb sync NBT SRAM 250MHz 6ns 1M x 36 36Mb sync NBT SRAM
|
GSI Technology
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
EL4511 |
Video SYNC Separator, DTV HDTV And Projector, Tri-level & Bi-level Auto Sync, 150kHz Line Rate, 3.3V And 5V
|
INTERSIL
|
MAX4090ELT |
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current 1 CHANNEL, VIDEO AMPLIFIER, PDSO6
|
Maxim Integrated Products, Inc.
|
LT1723 LT1722 LT1724 LT1722CS5 LT1722IS5 LT1722IS8 |
Single, Dual, Quad 200MHz Low Noise Precision Op Amps Single 200MHz Low Noise Precision Op Amp Dual 200MHz Low Noise Precision Op Amp
|
LINER[Linear Technology]
|
GS881Z18AT-133 GS881Z18AT-133I GS881Z18AT-150 GS88 |
133MHz 8.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
ISL59833 ISL59833IAZ ISL59833IAZ-T7 |
200MHz Single Supply Video Driver With Charge Pump
|
Intersil Corporation
|
MAX445 MAX445CPG MAX445C_D MAX445C/D |
Low-Cost, High-Resolution, 200MHz Video CRT Driver Low-Cost / High-Resolution / 200MHz Video CRT Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
R2005240 |
Si Reverse, 5 - 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
|
PREMIER DEVICES, INC.
|
UPD6481GC-3B6 |
TV/Video Sync Circuit 电视/视频同步电路
|
NEC, Corp.
|