PART |
Description |
Maker |
HFBR-5720L HFBR-5720LP HFBR-0570 |
HFBR-5720L · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Standard delatch HFBR-5720LP · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Extended delatch HFBR-0570 · Evaluation Kit for Small Form Factor Pluggable (SFP) Fibre Channel Applications
|
Agilent (Hewlett-Packard)
|
HHBA-5221BP HHBA-5220BP HHBA-5220B HHBA-5221B |
HHBA-5221BP · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceive, Bulk Packaging HHBA-5221B · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceiver HHBA-5220BP · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFP transceive, Bulk Packaging HHBA-5220B · 2 Gb/s, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter, Card with SFP Transceiver Cage 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceiver 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFP transceive. Bulk Packaging 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceive. Bulk Packaging
|
Agilent (Hewlett-Packard)
|
CXB1583Q |
266Mbaud Fibre Channel Transceiver IC
|
http://
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
BCM8705 |
Serial 10-Gbe/Fibre Channel Transceiver
|
Broadcom Corporation
|
SPC-4F-01-27CDA SPC-4F-01-29CDA SPC-4F-01-35CDA SP |
4.25Gb/s Fibre Channel CWDM SFP Transceiver
|
Source Photonics, Inc.
|
VSC7125 VSC7125QN VSC7125QU |
1.0625 Gbits/sec Fibre Channel Transceiver
|
Vitesse Semiconductor Corpo... ETC[ETC] Vitesse Semiconductor Corporation
|
JSH-85L3AA1-10 JSH-85L3AB1-10 |
8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
|
JDS Uniphase Corporation
|
FC106 5990 |
From old datasheet system Fibre Channel Transceiver 1.0625 GBaud
|
STMICROELECTRONICS[STMicroelectronics]
|
V23818-K305-B57 V23838-S5-N1 |
SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LCConnector SFP - SMALL FORM-FACTOR PLUGGABLE MULTIMODE 850 NM 1.0625 GBIT/S FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER WITH LC⒙ CONNECTOR SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
BCM8705 BCM8705BIFBG BCM8705LAKFBG |
SERIAL 10-GBE/FIBRE CHANNEL TRANSCEIVER WITH WIS LAYER AND XAUI INTERFACE
|
Broadcom Corporation.
|
V23826-K15-C313 V23826-K15-C353 V23826-K15-C363 V2 |
Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
|
Finisar Corporation.
|