PART |
Description |
Maker |
BT137S-500E BT137S-600E BT137MSERIESE BT137M-600E |
Triacs sensitive gate Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 DIODE ZENER TRIPLE ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP
|
HD74HC241 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs) Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
BT137S-600G BT137S BT137S-500 BT137S-500F BT137S-5 |
Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 300mW 20Vz 5mA-Izt 0.06 0.1uA-Ir 14 SOT-23 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 200mW 16Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-323 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 1-of-8 Decoder 20-LCCC -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-LCCC -55 to 125 Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SI91872DMP-50-T1 SI91872 SI91872DMP-12-E3 SI91872D |
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option 300 - mA的低噪音LDO调节器错误国旗和放电期权 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-PDIP 0 to 70
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
HD74LS240 HD74LS240FPEL HD74LS240P HD74LS240RPEL |
Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
|
Renesas Electronics Corporation
|
HD74HC244FPEL HD74HC244P HD74HC244RPEL |
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
|
Renesas Electronics Corporation
|
HD74LV244A |
Octal Buffers/Line Drivers/Line Receivers with non-inverted 3-state outputs
|
Hitachi Semiconductor
|
HD74BC244A |
Octal Buffers/Line Drivers with 3-state outputs Octal Buffers/Line Drivers With 3 State Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74LVC541A |
Octal Buffers/Line Drivers with 3-state outputs
|
Hitachi Semiconductor
|
UT54ACT244 |
Radiation-Hardened Octal Buffers & Line Drivers
|
Aeroflex Microelectronic Solutions
|
HD74LVC2244A |
Octal Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|