PART |
Description |
Maker |
HD74HC166 |
Parallel-load 8-bit Shift Register
|
Hitachi Semiconductor
|
U74HC165 |
8-BIT PARALLEL-LOAD SHIFT REGISTER
|
UTC
|
HD74LS165 HD74LS165A |
Parallel-Load 8-bit Shift Register
|
HITACHI[Hitachi Semiconductor]
|
HD74HC165FPEL HD74HC165 HD74HC165P |
Parallel-load 8-bit Shift Register
|
Renesas Electronics Corporation
|
MM74C165 MM74C165N 74C165 |
Parallel-Load 8-Bit Shift Register From old datasheet system
|
Fairchild Semiconductor
|
IDT74FCT299A IDT54FCT299SOB IDT54FCT299 IDT54FCT29 |
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER CET-S-CTA-1 FCT SERIES, 8-BIT BIDIRECTIONAL PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP20
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. ITT, Corp.
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
74HC164 MM74HC164MXNL MM74HC164MTCXNL MM74HC164MX |
Zener Diode 225 mW 16 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-in/Parallel-out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74AHC594PW118 74AHC594BQ115 74AHC594DB112 74AHC594 |
8-bit shift register with output register; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13" HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 8-bit shift register with output register; Package: SOT763-1 (DHVQFN16); Container: Reel Pack, SMD, 7" HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PQCC16 8-bit shift register with output register; Package: SOT338-1 (SSOP16); Container: Tube
|
NXP Semiconductors N.V.
|
MC74HC164D MC74HC164N MC54HC164 MC54HC164J MC54_74 |
8-Bit Serial-Input/Parallel-Output Shift Register 8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGLSTER From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
HEF4035BDB |
4000/14000/40000 SERIES, 4-BIT RIGHT PARALLEL IN PARALLEL OUT SHIFT REGISTER, CONFIGURABLE OUTPUT, CDIP16
|
NXP SEMICONDUCTORS
|