PART |
Description |
Maker |
NC7SZ58P6XNL NC7SZ58P6X NC7SZ57 NC7SZ57_05 NC7SZ57 |
TinyLogic UHS Universal Configurable 2-Input Logic Gates SPECIALTY LOGIC CIRCUIT, PDSO6
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
TC4467 TC4468 TC4469 |
The TC446X family of four-output CMOS buffer/drivers are an expansion from our earlier single- and dual-output drivers. Each driver has been equipped with a two-input logic gate for added flexibility. The TC446X drivers can source up to 25 Logic-Input CMOS Quad Drivers
|
MICROCHIP[Microchip Technology]
|
HD74LV2GT02A HD74LV2GT02AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NOR Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BSP75 Q67060-S7200-A2 |
Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart) 1.5 A BUF OR INV BASED PRPHL DRVR, PDSO4 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HD74LV86A LV86 HD74LV86AFP |
Quad. 2-input Exclusive-OR Gates LOGIC GATE|QUAD 2-INPUT XOR|LV-CMOS|SOP|14PIN|PLASTIC 逻辑门|输入异|吕全CMOS |专科| 14PIN |塑料
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Intel, Corp.
|
74AUP1G98FHX 74AUP1G98 |
Two-Input, Low Power, Universal Configurable Logic Gate TinyLogic? Low Power Universal Configurable Two-Input Logic Gate
|
Fairchild Semiconductor
|