PART |
Description |
Maker |
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LC865608 LC865616 LC865620 LC865624 LC865628 |
Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
Sanyo Electric Co.,Ltd.
|
SN54ABT16224407 |
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS <font color=red>[Old version datasheet]</font> 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
|
http:// TI store
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
HD74ALVCH162244-15 |
16-bit Buffers / Drivers with 3-state Outputs
|
Renesas Electronics Corporation
|
HD74LVCZ16244A |
16-bit Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
RD74LVC16244BTEL RD74LVC16244B |
16-bit Buffers / Line Drivers with 3-state Outputs
|
RENESAS[Renesas Electronics Corporation]
|
HD74LVC16241 |
16-bit Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74LVC16541 |
16-bit Buffers/Line Drivers with 3-state non-inverted outputs
|
Hitachi Semiconductor
|
U74AC244 U74AC244G-P20-R U74AC244G-P20-T U74AC244L |
The U74AC244 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|