PART |
Description |
Maker |
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
TA48M0345F TA48M025F TA48M033F TA48M03F |
Three-Terminal Low Dropout Voltage Regulator 3.45V Three-Terminal Low Dropout Voltage Regulator 2.5V Three-Terminal Low Dropout Voltage Regulator 3.3V Three-Terminal Low Dropout Voltage Regulator 3.0V
|
TOSHIBA
|
KIA78DL05F KIA78DL06F |
Three Terminal 5V Positve Low Dropout Voltage Regulator(三端5V正电压输出、低压差稳压 Three Terminal 6V Positve Low Dropout Voltage Regulator(三端6V正电压输出、低压差稳压
|
KEC Holdings
|
AM29BL802CB-120RZI AM29BL802CB-70RZI AM29BL802CB-9 |
HiRel Adjustable Ultra Low Dropout Linear Radiation Hardened Regulator in a 8-Lead Flat Pack Package; A IRUH33PA13A1M with Standard Packaging x16 Flash EEPROM Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator; Qualified Part Number similar to OM2990-12STM x16闪存EEPROM
|
Spansion, Inc.
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
RC1584 RC1584T-1.5 RC1584M-1.5 |
7A Adjustable/Fixed Low Dropout Linear Regulator From old datasheet system 7A Adjustable/Fixed Low Dropout Linear Regulator 7A可调/固定低压差线性稳压器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Fairchild Semiconductor, Corp.
|
5962R9568001VCC |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References 输入与门
|
飞思卡尔半导体(中国)有限公司
|
UPC29M33AT UPC78L05T-E2 UPC78L15T-E1 UPC78L05T-E1 |
Voltage Regulator of SMD | Information[03/2000] Low saturation three-terminal low-dropout positive-voltage regulator Positive output three-terminal regulator Low saturation three-terminal positive output voltage stabilization power supply
|
NEC
|
UPC2415AHF UPC2412AHF UPC2410AHF UPC2409AHF UPC241 |
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|