PART |
Description |
Maker |
SPX1580 SPX1580T5 SPX1580T5_TR SPX1580T5-2.5 SPX15 |
7A Ultra Dropout Voltage Regulator, 2% 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed 122 x 32 pixel format, Compact LCD size 320 x 240 pixel format, CFL backlight available with power harness A超低压降稳压器快速响应,可调
|
SIPEX[Sipex Corporation] Analog Devices, Inc.
|
FAN1581 |
5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
Fairchild Semiconductor
|
FAN1582_0311 FAN1582 FAN1582D15X FAN1582D25X FAN15 |
3A Adjustable Low Dropout Voltage Regulator (LDO) 3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor]
|
AP1186T5-L-U AP1186 AP1186K5 AP1186K5-15L-13 AP118 |
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
|
DIODES[Diodes Incorporated]
|
APU1205-25 APU1205-18 APU1205-28 APU1205-36 APU120 |
300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
|
A-POWER[Advanced Power Electronics Corp.]
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
ILC7082 ILC7082AIM5-31 ILC7082AIM5-285 ILC7082AIM5 |
Positive Adjustable Voltage Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 150mA SOT-23 Ultra Low Noise CMOS RF-LDO™
|
Fairchild Semiconductor
|
MIC530808 MIC5308-1.8YMTTR MIC5308-1.5YMT MIC5308- |
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ 1.8 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6 1.2 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 0.8 V-2 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6
|
Micrel Semiconductor MICREL INC
|