PART |
Description |
Maker |
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
INTERSILCORP-X9241AWSZT2 X9241AWSZT1 |
Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R
|
INTERSIL CORP
|
LT6402CUD-20TR LT6402-20-15 |
300MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 12dB); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16
|
Linear Technology, Corp.
|
AD8622ARZ AD8624ARUZ |
Dual, Low Power, Low Noise, Low Bias Current, Precision Rail-to-Rail Output Op Amp; Package: 8-pin; Temperature Range: -40°C to 125°C DUAL OP-AMP, 230 uV OFFSET-MAX, 0.58 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 230 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD548 AD548A AD548B AD548C AD548J AD548BH AD548JR- |
Precision, Low Power BiFET Op Amp Precision/ Low Power BiFET Op Amp Precision, Low Power BiFET Op Amp OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 Precision, Low Power BiFET Op Amp 精密低功耗运算放大器BiFET
|
Analog Devices, Inc. http://
|
FH102 1282 |
High-Frequency Low-Noise Amp/ Differential Amp Applications NPN Epitaxial Planar Silicon Composite Transistor From old datasheet system High-Frequency Low-Noise Amp, Differential Amp Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MC74LCX244MELG |
Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1169CN8PBF |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
2SC1941 2SC1941L |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN SILICON TRANSISTOR
|
NEC Corp.
|
LTC1562IG-2TRPBF |
Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
74HCT7046AN 74HC7046AD |
Analog Phase-Locked Loop SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
|
|