PART |
Description |
Maker |
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
LT1580IQTRPBF LT1580IR-2.5PBF LT1580CR-2.5TRPBF LT |
7A, Very Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 7A, Very Low Dropout Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSSO7 7A, Very Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSSO5
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LX8384 LX8384-00 LX8384-00CDD LX8384-00CP LX8384-0 |
5A LOW DROPOUT POSITIVE REGULATORS 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 5A LOW DROPOUT POSITIVE REGULATORS 5A条阳性率低压差调节器 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 5A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 15M 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX15029ATBT |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input; Package: TDFN-EP;10 pin;10 mm² ; Temperature: -40°C to 125°C 0.5 V-3.3 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO10
|
Maxim Integrated Products, Inc.
|
MAX8877-MAX8878 MAX8877EUK33-T MAX8877EUK50-T MAX8 |
From old datasheet system VOLT REGULATOR|FIXED| 3.3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 5V|CMOS|TSOP|6PIN|PLASTIC 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.8 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 2.7 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.6 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
NCV551SN25T1G |
150 mA CMOS Low Iq Low−Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
ON Semiconductor
|
LT3012B LT3012BEFE LT3012BEDE LT3012BEDETR |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.24 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO12
|
Linear Technology, Corp. Linear Technology Corporation
|
TC55RP1101ECB713 TC55RP1101ECB723 TC55RP1101ECBRT |
2.4 V FIXED POSITIVE LDO REGULATOR, PSSO3 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PSSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PDSO3 4.8 V FIXED POSITIVE LDO REGULATOR, PDSO3 1μA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1レA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1uA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.4 V FIXED POSITIVE LDO REGULATOR, PDSO3 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO3
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
NCP1117DT15G NCP1117DTAT5G NCP1117DT50G NCP1117DT2 |
1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.25 V-18.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
ON Semiconductor
|
|