PART |
Description |
Maker |
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|
HWD1487 HWD1487C_D HWD1487CPA HWD1487CSA HWD1487CU |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 低功耗,限摆率限RS-485/RS-422收发 Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 低功耗,限摆率限制RS-485/RS-422收发
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
SP3483CN_TR SP3483EN_TR SP348304 SP3483EP SP3483 S |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ADM489 ADM489ARU ADM488 ADM488AN ADM488AR |
Full-Duplex/ Low Power/ Slew Rate Limited/ EIA RS-485 Transceivers
|
Analog Devices
|
ADM488 ADM488AN ADM488AR ADM489 ADM489AN ADM489AR |
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
|
AD[Analog Devices]
|
ADM489 ADM488 |
Low Power, Slew Rate Limited RS-485, Contains an Additional Receiver and Driver Enable Control
|
Analog Devices
|
MAX490 MAX485 MAX488 |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc...
|
ADM489A |
5 V, Slew-Rate Limited, Low Power, 250 kbps, Full Duplex EIA RS-485 Transceiver (with DE/RE)
|
Analog Devices
|
5962-9688706HXA |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers 收发
|
Bourns, Inc.
|
|