PART |
Description |
Maker |
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C0430V 7C0430V CY7C0430V-133BGI CY7C0430V-133BG |
3.3V 64K x 18 Synchronous QuadPort⑩ Static RAM 3.3V 64K X 18 SYNCHRONOUS QUADPORT⒙ STATIC RAM From old datasheet system 3.3V 64K x 18Synchronous QuadPort?Static RAM
|
CYPRESS[Cypress Semiconductor]
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
MF3257-J9CATXX MF3513-J9CATXX MF365A-J9CATXX MF312 |
STATIC RAM CARDS ER 8C 8#12 SKT RECP 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semiconductor
|
IC62VV51216LL IC62VV51216L IC62VV51216L-70B IC62VV |
512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IS61LV6424 IS61LV6424-10TQ IS61LV6424-9TQ IS61LV64 |
64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
UPD424800G5-10-7JD UPD424800G5-10-7KD UPD424800V-8 |
256K (32K x 8) Static RAM 8K x 8 Static RAM RoboClock® High-speed Multi-phase PLL Clock Buffer x8 Fast Page Mode DRAM x8快速页面模式的DRAM
|
NEC TOKIN, Corp.
|
MF34M1-LZCATXX MF3257-LZCATXX MF3513-LZCATXX MF312 |
512Kb, 8/16-bit data bus static RAM card 128Kb, 8/16-bit data bus static RAM card STATIC RAM CARDS 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器 256Kb, 8/16-bit data bus static RAM card
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
CY7C185A 7C185A CY7C185A-20DMB |
8Kx8 Static RAM From old datasheet system 8K x 8 Static RAM
|
Cypress
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CYU01M16SCEU-70BVXI CYU01M16SCE CYU01M16SCEU-70BVX |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|