PART |
Description |
Maker |
LT1039-16 LT1039CSW LT1039CSW16 LT1039MJ LT1039MJ1 |
From old datasheet system RS232 Driver/Receiver with Shutdown Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1280ACSWTRPBF LT1280ACSWPBF LT1281ACSWPBF LT1280 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
EVM649EVM E649BPJ EDGE649 E649 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Octal Pin Electronics Driver/Receiver
|
SEMTECH[Semtech Corporation]
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|
LT1281A LT1280A |
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
Linear
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
CXA1700AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP385E-1 SP385E-1CA SP385E-1CT SP385E-1EA SP385E-1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C True 3V or 5V RS-232 Line Driver/Receiver
|
SIPEX[Sipex Corporation]
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
UPD4715A UPD4715ACY UPD4715AGT |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 RS-232 LINE DRIVER/RECEIVER
|
NEC, Corp. NEC[NEC]
|
MAX506ACPP MAX506ACWP MAX506AEPP MAX506AEWP MAX506 |
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Quad, 8-Bit DAC with Rail-to-Rail Outputs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CXA1644 CXA1644P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 ECHO EFFECT GENERATOR
|
Sony, Corp. SONY[Sony Corporation]
|