PART |
Description |
Maker |
OP193 OP293 OP493 OP193ES-REEL OP193ES-REEL7 OP293 |
Precision / Micropower Operational Amplifiers Precision, Micropower Operational Amplifiers OP-AMP, 175 uV OFFSET-MAX, 0.035 MHz BAND WIDTH, PDSO8 Precision, Micropower Operational Amplifiers DUAL OP-AMP, 350 uV OFFSET-MAX, 0.035 MHz BAND WIDTH, PDSO8 Precision, Micropower Operational Amplifiers OP-AMP, 250 uV OFFSET-MAX, 0.035 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
OP-290 OP-290ARC_883 OP-290GP OP-290GS OP-290AZ OP |
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER 精密低功耗,微功耗双路运算放大器 ER 24C 24#16 SKT RECP WALL DUAL OP-AMP, 500 uV OFFSET-MAX, 0.02 MHz BAND WIDTH, CQCC20
|
Analog Devices, Inc. AD[Analog Devices]
|
K4S64323LF-DN15 K4S64323LF-DN15-PB K4S64323LF-DN1H |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 0 to 70 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP 0 to 70 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 2Mx32移动SDRAM 90FBGA 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
KA358 KA358A KA358AD KA358AS KA358D KA358S KA2904 |
V CC
OUT1
IN1(-)
Dual Operational Amplifier Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 10000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDIP8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CA3193 CA3193AE CA3193E |
1.2MHz, BiCMOSPrecision OperationalAmplifiers OP-AMP, 380 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDIP8 1.2MHz,BiCMOSPrecision
OperationalAmplifiers
|
Intersil, Corp. Intersil Corporation
|
K4S643232C-TC/L80 K4S643232C-TC/L10 K4S643232C-TC/ |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC 200万32内存12k × 32 × 4银行同步DRAM LVTTL Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 8-CDIP -55 to 125 200万32内存12k × 32 × 4银行同步DRAM LVTTL ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-PDIP -40 to 85 Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-SOIC -40 to 85 Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
LM1458 LM1458CM LM1458CN LM1458M LM1458N LM1458_LM |
Dual Operational Amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, PDIP8 IC,OP-AMP,DUAL,BIPOLAR,DIP,8PIN,PLASTIC From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
OP-17AJ OP-17RJ OP-15 OP-15AJ OP-15AZ OP-15BJ_883 |
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS 精密JFET输入运算放大 PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS OP-AMP, 2000 uV OFFSET-MAX, 7.6 MHz BAND WIDTH, CDIP8 PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS OP-AMP, 2000 uV OFFSET-MAX, 7.6 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc. AD[Analog Devices]
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|