PART |
Description |
Maker |
MSM82C54-2GS MSM82C54-2JS |
CMOS PROGRAMMABLE INTERVAL TIMER
|
OKI SEMICONDUCTOR CO., LTD.
|
M5M82C54P M5M82C54P-6 |
CMOS PROGRAMMABLE INTERVAL TIMER
|
Mitsubishi Electric Semiconductor
|
8406501JA |
CMOS programmable interval timer, 8MHz
|
Harris Semiconductor
|
CP82C54 CP82C54-10 CP82C54-12 IP82C54 IP82C54-10 I |
CMOS Programmable Interval Timer From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CS82C54-12Z96 |
CMOS Programmable Interval Timer; Temperature Range: 0°C to 70°C; Package: 28-PLCC T&R 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24
|
Intersil, Corp.
|
TMP82C53P-2 TMP82C53 |
PROGRAMMABLE INTERVAL TIMER
|
TOSHIBA[Toshiba Semiconductor]
|
KS82C54 |
PROGRAMMABLE INTERVAL TIMER
|
Samsung Electronic Samsung semiconductor
|
82C54 |
CHMOS PROGRAMMABLE INTERVAL TIMER
|
INTEL[Intel Corporation]
|
EDI7F433512C100BNC EDI7F33512C100BNC EDI7F233512C1 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 40-PDIP AMD的闪存模 EEPROM EEPROM CMOS Programmable Interval Timer; Temperature Range: 0°C to 70°C; Package: 24-PDIP EEPROM
|
Carlo Gavazzi
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|