PART |
Description |
Maker |
NTE2404N NTE2404NPN NTE2404 NTE2405 |
300 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon Complementary Transistors Darlington / General Purpose Silicon Complementary Transistors Darlington, General Purpose
|
NTE[NTE Electronics]
|
CXT3906PNP CXT3904 CXT3904NPN CXT3906 |
SMD Small Signal Transistor PNP General Purpose Amplifier/Switch SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
NTE290 NTE289 |
800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Quad Channel, 4/0, 25Mbps, Digital Isolator 16-SOIC -40 to 125 Silicon Complementary Transistors Audio Power Amplifier, Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
D44H06 D45H8G D44H D44H11 D44H11G D44H8 D44H8G D45 |
Complementary Silicon Power Transistor(互补型PNP硅功率晶体管) Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
MJE15032 MJE15033 ON2013 |
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
CMST3904 CMST3906 |
SMD Small Signal Transistor PNP General Purpose Amplifier/Switch SMD Small Signal Transistor NPN General Purpose Amplifier/Switch SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMPT4403PNP CMPT4401 CMPT4401NPN CMPT4403 |
SMD Small Signal Transistor PNP General Purpose Amplifier/Switch SMD Small Signal Transistor NPN General Purpose Amplifier/Switch COMPLEMENTARY SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|