PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
NTE188 NTE189 |
Silicon Complementary Transistors High Voltage Amplifier & Driver 2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-202N
|
NTE[NTE Electronics]
|
NTE2359 NTE2360 |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
|
NTE[NTE Electronics]
|
CMLT3904E CMLT3904EG CMLT3904E10 CMLT3906E CMLT390 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor Corp
|
BDX33B BDX34C BDX34B ON0204 BDX33C |
From old datasheet system 10 AMPERE COMPLEMENTARY Darlington Complementary Silicon Power Transistors
|
Motorola Inc ON Semiconductor Motorola, Inc
|
2N6052 2N6058 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 12 AMPERE COMPLEMENTARY
|
ON Semiconductor
|
2N3055MJ2955 MJ2955 2N3055 ON0038 2N3055_MJ2955 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 120 VOLTS 115/ 180 WATTS 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS 15安培功率晶体管互补性的芯片6015 Complementary SlllconPower Translstors From old datasheet system
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
2N930 2N3548 |
Supercapacitor; Capacitance:0.1F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin COMPLEMENTARY SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|