PART |
Description |
Maker |
CAT25C32 25C64 CAT25C64U14-1.8TE13 CAT25C64U14-TE1 |
32K/64K-BitSPISerialCMOSE2PROM 32K/64K-Bit SPI Serial CMOS E2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM
|
CATALYST[Catalyst Semiconductor]
|
AT28C64BNBSP AT28C64B-15PI AT28C64B-20PI AT28C64B- |
64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 150 ns, PDSO28 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-VQFN -40 to 85 8K X 8 EEPROM 5V, 150 ns, PDSO28 64K 8K x 8 CMOS E2PROM 8-Bit Shift Registers With Output Registers 16-SSOP -40 to 85 64K EEPROM with 64-Byte Page & Software Data Protection 64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection From old datasheet system 64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
CAT28C64A CAT28C64AI-20 28C64A-20 CAT28C64A-15 CAT |
64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128Kx8 EEPROM 64K - BIT CMOS E2PROM
|
Atmel, Corp. CATALYST[Catalyst Semiconductor]
|
CAT28HT64D-20 CAT28HT64D-15 CAT28HT64 |
64K-Bit CMOS Parallel EEPROM(5V,快速,低功耗,64K位(8K x 8位)并行CMOS EEPROM) 64K的位CMOS并行的EEPROMV的,快速,低功耗,64K的位K的8位)并行的CMOS EEPROM的) 64K-Bit CMOS PARALLEL E2PROM
|
Catalyst Semiconductor
|
CAT28LV65 CAT28LV65J-30T CAT28LV65J-35T CAT28LV65N |
64K-Bit CMOS PARALLEL E2PROM
|
http:// CATALYST[Catalyst Semiconductor]
|
CAT28LV64 CAT28LV64J-30T CAT28LV64J-35T CAT28LV64J |
64K-Bit CMOS PARALLEL E2PROM
|
http:// CATALYST[Catalyst Semiconductor]
|
CAT28C16A CAT28C16AJA-20 CAT28C16AJA-20T CAT28C16A |
16K-Bit CMOS PARALLEL E2PROM 16K-Bit CMOS PARALLEL E2PROM 16K的位CMOS并行E2PROM JT 8C 8#16 PIN PLUG 16K的位CMOS并行E2PROM PWM High-Side Driver (1.5A) for Solenoids, Coils, Valves, Heaters, and Lamps 14-HTSSOP -40 to 85
|
CATALYST[Catalyst Semiconductor] http://
|
CAT28LV256 CAT28LV256N-20T CAT28LV256N-25T CAT28LV |
256K-bit CMOS parallel EEPROM 250ns 256K-bit CMOS parallel EEPROM 200ns 256K-bit CMOS parallel EEPROM 300ns 256K-Bit CMOS PARALLEL E2PROM 128Kx8 EEPROM 128Kx8 EEPROM 32K X 8 EEPROM 3V, 200 ns, PQCC32
|
http:// CATALYST[Catalyst Semiconductor] Intersil, Corp. Epson (China) Co., Ltd. STMicroelectronics N.V. ON SEMICONDUCTOR
|
CAT28C010 CAT28C010HNI-12T CAT28C010NI-12T CAT28C0 |
1024K-Bit CMOS PARALLEL E2PROM
|
Catalyst Semiconductor http://
|
CAT28LV64GI-20T CAT28LV64GI-15T CAT28LV64GA-20T CA |
DC-DC Converter, 2Watt, Input VDC: 5, Output VDC: 15, Max Output Current(A): 0.133, Package: SIP4, Isolation(VDC): 1000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 85%, Low Profile Plastic Case, Single Output 64K-Bit CMOS PARALLEL EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 8K X 8 EEPROM 3V, 200 ns, PDIP28 64K-Bit CMOS PARALLEL EEPROM
|
http:// EEPROM Abracon, Corp. Coilcraft, Inc. Vishay Intertechnology, Inc. Vicor, Corp. Catalyst Semiconductor
|
CAT28LV256NI-20T CAT28LV256NI-25T CAT28LV256_04 CA |
256K-Bit CMOS PARALLEL E2PROM 32K X 8 EEPROM 3V, 300 ns, PDSO28
|
http:// CATALYST[Catalyst Semiconductor] ON SEMICONDUCTOR
|
IDT7198L IDT7198L20DB IDT7198L20EB IDT7198L20LB ID |
CMOS static RAM 64K (16K x 4-bit) CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls
|
IDT[Integrated Device Technology]
|