PART |
Description |
Maker |
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AT28BV256-20SU AT28BV25609 |
200NS, SOIC, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 3V, 200 ns, PDSO28 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel, Corp. ATMEL Corporation
|
IDT71V256SA12PZG8 IDT71V256SA12PZGI8 IDT71V256SA12 |
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit) 3.3V, 32K X 8 Static RAM
|
Integrated Device Technology IDT
|
AM27C256 AM27C256-120DC AM27C256-120DCB AM27C256-1 |
256 Kilobit (32 K x 8-Bit) CMOS EPRO 256 Kilobit (32 K x 8-Bit) CMOS EPROM Quad 2-input positive-OR gates 14-PDIP 0 to 70 Quad 2-input positive-OR gates 14-SO 0 to 70 Universal shift / storage registers 20-PDIP 0 to 70 8-input positive-NAND gates 14-SO 0 to 70 Quad 2-input positive-OR gates 14-SOIC 0 to 70 Quad 2-input positive-OR gates 14-SSOP 0 to 70 8-Line To 3-Line Priority Encoder 16-SOIC 0 to 70 32K X 8 UVPROM, 70 ns, CDIP28 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 45 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 120 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 200 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 90 ns, PDIP28 Hex Bus Drivers With 3-State Outputs 16-PDIP 0 to 70 32K X 8 OTPROM, 90 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 120 ns, CDIP28 Quad 2-input positive-NOR buffers with open collector outputs 14-SOIC 0 to 70 32K X 8 UVPROM, 55 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 150 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 250 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 55 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Rochester Electronics, LLC ADVANCED MICRO DEVICES INC
|
AT28BV256-20PI AT28BV256-20PU AT28BV256-20JI AT28B |
200NS, SOIC, IND TEMP(EEPROM) 32K X 8 EEPROM 3V, 200 ns, PDSO28 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel, Corp. ATMEL Corporation
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CAT25C32PSE-1.8TE13 CAT25C32VSI-1.8TE13 CAT25C32Y1 |
32K/64K-Bit SPI Serial CMOS EEPROM 32K/64K-Bit SPI串行EEPROM中的CMOS
|
Atmel, Corp. MITSUMI ELECTRIC CO., LTD. BCD Semiconductor Manufacturing, Ltd.
|
IS61LV3216L-12K IS61LV3216L-12T IS61LV3216L-12KI I |
32K x 17 Low Voltage High-Speed CMOS Static RAM(3.3V,32K x 16 低压高速CMOS静态RAM) 32K x 16 LOW VOLTAGE CMOS STATIC RAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc.
|
CAT28C256NA-15T CAT28C256NA-12T CAT28C256NI-15T CA |
256K-Bit Parallel EEPROM 256 kb Parallel EEPROM 32K X 8 EEPROM 5V, 120 ns, PQCC32
|
http:// ON Semiconductor
|