PART |
Description |
Maker |
IDT6198L20SO IDT6198L20C IDT6198L25C |
Dual High Side Driver in a 16-Lead SOIC Lead Free package x4的SRAM High and Low Side Driver has output source/sink current capability of 4A and 4A x4的SRAM
|
STMicroelectronics N.V. Bourns, Inc.
|
VND810SP VND810SP13TR |
20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双通道高边驱动 DOUBLE CHANNEL HIGH SIDE DRIVER DOUBLE CHANNEL HIGH SIDE DRIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HIP408304 HIP4083ABZ HIP4083APZ HIP4083AP HIP4083A |
Driver, Three Phase High Side, 80V, 300mA, Drives Three High Side N-Channel MOSFETs 80V, 300mA Three Phase High Side Driver
|
INTERSIL[Intersil Corporation]
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
MIC4416 MIC4416BM4 MIC4417BM4 MIC4417 |
IttyBitty?Low-Side MOSFET Driver IttyBitty⑩ Low-Side MOSFET Driver IttyBitty Low-Side MOSFET Driver(IttyBitty技术低边MOS场效应管驱动 IttyBittyLow-Side MOSFET Driver IttyBitty⑩低边MOSFET驱动 IttyBittyLow-Side MOSFET Driver 1.2 A BUF OR INV BASED MOSFET DRIVER, PDSO4
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
IPS511S IPS511 IPS511STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
IRF[International Rectifier]
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IRS21952STRPBF IRS21952SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
L6381 L6380 1636 |
0.23 A BUF OR INV BASED MOSFET DRIVER, PDIP8 From old datasheet system HIGH VOLTAGE HIGH-SIDE DRIVER
|
STMICROELECTRONICS
|
PD25 PD26 PD24 PS56 PS85 PS88 PS58 PS87 PS560 PS58 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead PDIP 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free 28-Lead SOIC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged Half Bridge Driver, SoftTurn-On, Low Side Inverting Input, Separate High and Low Side Input, 500ns Deadtime in a 8-pin DIP package; A IR2183 packaged 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead SOIC 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21367 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a Lead-Free 8-Lead Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead SOIC High and Low Side Driver in a 14-pin DIP package; A IR2010 packaged in a Lead-Free 16-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a 8-Lead SOIC and Power Ground, Programmable Deadtime in a 14-pin DIP package; A IR21834 packaged in a 14-Lead PDIP Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead PDIP High voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels and with DC Bus Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2127 Analog IC 模拟IC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC shipped on Tape and Reel 模拟IC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 16-Lead SOIC shipped on Tape and Reel
|
Lattice Semiconductor, Corp.
|
IR2131 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
IRF[International Rectifier]
|
IR6210 IR6210S IR6210STR IR6210STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
|
International Rectifier
|