PART |
Description |
Maker |
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
VDA3720CTA VDA3720NTA VDA6010CTA VDA0820NTA VDA171 |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector
|
AnaSem Hong Kong Limited AnaSem Hong Kong Limite...
|
6240-99-995-1170 6240-99-995-1183 6240-99-995-1232 |
LAMP BA9S 6.5V 2W LAMP MES 24V 2.8W Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References LAMP BA9S 24V 2.9W 灯BA9S 24V2.9W FILAMENT LAMP 12V 183MA 白炽2V83MA High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package 灯MES4V的为1.2W CMOS Monolithic Voltage Converter 12V.2W的灯BA9S CMOS Monolithic Voltage Converter MES.5VW的灯
|
Electronic Theatre Controls, Inc. Dialight PLC Molex, Inc. ITT, Corp.
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
BS62LV2001TI BS62LV2001 BS62LV2001DC BS62LV2001DI |
Very Low Power/Voltage CMOS SRAM 256K X 8 bit Very low power/voltage CMOS SRAM 256K X 8 bit, 70ns Very low power/voltage CMOS SRAM 256K X 8 bit, 100ns
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor]
|
ICL762101 ICL7621DCPA ICL7621 ICL7621BCPA ICL7621D |
Op Amp, CMOS, Rail-to-Rail Output, Low Voltage 1-8Vdc, Rin=10E12, Ibias=1pA, Dual Dual, Low Power CMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
FMP1617CCX-GXXX FMP1617CCX-HXXX FMP1617CCX-G85E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|